| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPC8401 bảng dữ liệu(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TPC8401 bảng dữ liệu(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 11 page ![]() TPC8401 2002-05-17 9 N-ch AMBIENT TEMPERATURE Ta (°C) PD – Ta (1) (2) 0 0 50 100 150 200 0.5 1.0 1.5 2.0 (4) (3) DEVICE MOUNTED ON A GLASS-EPOXY BOARD (a) (NOTE 2a) (1) SINGLE-DEVICE OPERATION (NOTE 3a) (2) SINGLE-DEVICE VALUE AT DUAL OPERATION (NOTE 3b) DEVICE MOUNTED ON A GLASS-EPOXY BOARD (b) (NOTE 2b) (3) SINGLE-DEVICE OPERATION (NOTE 3a) (4) SINGLE-DEVICE VALUE AT DUAL OPERATION (NOTE 3b) t = 10 s |