| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7227 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7227 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() AM OSC AM MIX FM MI X FM IF 1 23 4 5 6 7 8 9 BFP 13 14 15 16 17 18 11 12 10 FM RF FM OSC TUN LED FM DET AGC AM IF AM DET AF AMP LIMITER BAND S/W AM RF IN FM RF OUT V FM OSC AM OSC DET OUT BA ND S/W AGC QUAD DET CC1 AM IF IN TUN LED GND2 FM IF IN V AM MIX FM MIX GND1 FM RF IN CC2 7227 -02.EPS BLOCK DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VS Supply Voltage 9 V ILED LED Curre nt 10 mA VLED Led Voltage 10 V Toper Operating Tem pera ture - 25 to 75 oC Tstg Storage Temperature -55 to 150 oC RECOMMENDED OPERATING CONDITION AT TA =25 oC Symbol Parameter Value Unit VS Supply Voltage 1.8 to 7 V Toper Operating Tem pera ture - 20 to 60 oC TDA7227 2/5 |