công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FFP30S65S bảng dữ liệu(PDF) 1 Page - Micross Components

tên linh kiện FFP30S65S
Giải thích chi tiết về linh kiện  Low Reverse Recovery Current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSS [Micross Components]
Trang chủ  http://www.micross.com
Logo MICROSS - Micross Components

FFP30S65S bảng dữ liệu(HTML) 1 Page - Micross Components

  FFP30S65S Datasheet HTML 1Page - Micross Components FFP30S65S Datasheet HTML 2Page - Micross Components FFP30S65S Datasheet HTML 3Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Further Information - Contact your Micross sales office or email your enquiry to baredie@micross.com
Part
VRRM
IF(AV)n
VF Typ
trr Typ
Die Size
FFP30S65S
650V
30A
2.1V
47ns
3.3 x 3.3 mm
2
See page 2 for ordering part numbers & supply formats
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
650
V
VRWM
Working Peak Reverse Voltage
650
V
VR
DC Blocking Voltage
650
V
IF(AV)
Average Rectified Forward Current @ TC = 100°C
1
30
A
IFSM
Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave
180
A
TJ, TSTG
Operation Junction & Storage Temperature
-55 to 175
°C
FFP30S65S
STEALTH™ Rectifier Diode Chip
650V, 30A, VF 2.1V, trr = 47ns
Applications
General Purpose
Free Wheeling Diode
Features
Exceptionally Soft Recovery
Low Reverse Recovery Current
175°C rated, optimised for low loss performance
Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VF
Forward Voltage
2
IF = 30A
TC = 25°C
-
2.1
2.6
V
TC = 175°C
-
1.7
-
IR
Reverse Current
2
VR = 665V
TC = 25°C
-
-
10
µA
Erec
Reverse Recovery Energy
3
IF =30A, dI/dt =200A/µs
TC = 175°C
-
127
-
uJ
trr
Reverse Recovery Time
3
TC = 25°C
-
47
-
ns
TC = 175°C
-
212
-
Irr
Reverse Recovery Current
3
TC = 25°C
-
3.7
-
A
TC = 175°C
-
8.8
-
Qrr
Reverse Recovery Charge
3
TC = 25°C
-
87
-
nC
TC = 175°C
-
933
-
Electrical Characteristics, TJ = 25° unless otherwise noted
Notes:
1.
Performance will vary based on assembly technique and substrate choice
2.
Pulse: Test Pulse width = 300µs, Duty Cycle = 2%
3.
Tested in discrete package, not subject to 100% production test at wafer level
©2014 Fairchild Semiconductor Corporation & Micross Components


Số phần tương tự - FFP30S65S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
238Kb / 5P
STEALTH II Rectifier
logo
Micross Components
FFP30S60S MICROSS-FFP30S60S Datasheet
736Kb / 3P
Low Stored Charge
logo
Thinki Semiconductor Co...
FFP30S60S THINKISEMI-FFP30S60S Datasheet
2Mb / 4P
ThinkiSemi 30Amperes,600Volts SwitchMode Ultrafast Recovery Epitaxial Diode
logo
Fairchild Semiconductor
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
511Kb / 6P
30A, 600V STEALTHTM II Rectifier
logo
Inchange Semiconductor ...
FFP30S60S ISC-FFP30S60S Datasheet
275Kb / 2P
Ultrafast Recovery Diode
2023-8-29
More results

Mô tả tương tự - FFP30S65S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STTH5R06-Y STMICROELECTRONICS-STTH5R06-Y Datasheet
142Kb / 9P
Low reverse recovery current
03-Nov-2011
STTH15AC06C STMICROELECTRONICS-STTH15AC06C Datasheet
331Kb / 11P
Low reverse recovery current
October 2013 Rev 1
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH50W03C STMICROELECTRONICS-STTH50W03C Datasheet
151Kb / 9P
Low reverse recovery current
August 2013 Rev1
STTH60W03C STMICROELECTRONICS-STTH60W03C Datasheet
179Kb / 8P
Low reverse recovery current
June 2012 Rev 1
logo
First Silicon Co., Ltd
MPCF10N65A FS-MPCF10N65A Datasheet
562Kb / 5P
Zero Reverse Recovery Current
2021. 06.03 Revision No:0
MPCF16N65A FS-MPCF16N65A Datasheet
469Kb / 4P
Zero Reverse Recovery Current
2021.11.22 Revision No :0
MPCF30N65A FS-MPCF30N65A Datasheet
348Kb / 5P
Zero Reverse Recovery Current
2021. 06. 11 Revision No : 0
MPCK10N120A FS-MPCK10N120A Datasheet
329Kb / 5P
Zero Reverse Recovery Current
2021. 06. 03 Revision No : 0
MPCX8N65A FS-MPCX8N65A Datasheet
3Mb / 7P
Zero Reverse Recovery Current
2021. 11. 30 Revision No : 0
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com