công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASJE1200R100 bảng dữ liệu(PDF) 2 Page - Micross Components

tên linh kiện ASJE1200R100
Giải thích chi tiết về linh kiện  Hermetic TO-258 Packaging
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSS [Micross Components]
Trang chủ  http://www.micross.com
Logo MICROSS - Micross Components

ASJE1200R100 bảng dữ liệu(HTML) 2 Page - Micross Components

  ASJE1200R100 Datasheet HTML 1Page - Micross Components ASJE1200R100 Datasheet HTML 2Page - Micross Components ASJE1200R100 Datasheet HTML 3Page - Micross Components ASJE1200R100 Datasheet HTML 4Page - Micross Components ASJE1200R100 Datasheet HTML 5Page - Micross Components ASJE1200R100 Datasheet HTML 6Page - Micross Components ASJE1200R100 Datasheet HTML 7Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SiC JFET
ASJE1200R100
ASJE1200R100
Rev. 0.1 06/11
Micross Components reserves the right to change products or specifications without notice.
2
ADVANCE INFORMATION
Min
Typ
Max
Drain Source Blocking Voltage
BVDS
VGS = 0 V, ID = 600 A
1200
V
VDS = 1200 V, VGS = 0 V, Tj = 25
oC
100
600
VDS = 1200 V, VGS = 0 V, Tj = 175
oC
300
1000
VDS = 1200 V, VGS = 15 V,
Tj = 25
oC
1
VDS = 1200 V, VGS = 15 V,
Tj = 175
oC
10
VGS = 15 V, VDS = 0V
0.1
0.3
VGS = 15 V, VDS = 1200V
0.1
ID = 12 A, VGS = 3 V,
Tj = 25 °C
0.08
0.1
ID = 12 A, VGS = 3 V,
Tj = 125 °C
0.2
Gate Threshold Voltage
VGS(th)
VDS = 1 V, ID = 34 mA
1.15
1.4
1.75
V
Gate Forward Current
IGFWD
VGS = 3 V
220
mA
RG
f = 1 MHz, drain source shorted
8
RG(on)
VGS >2.7V; See Figure 5
0.5
Input Capacitance
Ciss
670
Output Capacitance
Coss
103
Reverse Transfer Capacitance
Crss
97
Effective Output Capacitance,
energy related
Co(er)
VDS = 0 V to 480 V,
VGS = 0 V
60
Turn On Delay
ton
10
Rise Time
tr
12
Turn Off Delay
toff
30
Fall Time
tf
25
Turn On Energy
Eon
70
Turn Off Energy
Eoff
100
Total Switching Energy
Ets
170
Turn On Delay
ton
10
Rise Time
tr
15
Turn Off Delay
toff
30
Fall Time
tf
25
Turn On Energy
Eon
85
Turn Off Energy
Eoff
100
Total Switching Energy
Ets
185
Total Gate Charge
Qg
30
Gate Source Charge
Qgs
1
Gate Drain Charge
Qgd
24
VDS = 600 V, ID = 12 A,
Inductive Load, TJ = 150
oC
Gate Driver = +15V, 10V,
RgEXT = 5ohm
See Figure 15 for typical gate drive /
inductive load switching circuit.
VDS = 600 V, ID = 10 A,
VGS = + 2.5 V
ns
μJ
ns
μJ
nC
Dynamic Characteristics
VDD = 100 V
pF
Switching Characteristics
VDS = 600 V, ID = 12 A,
Inductive Load, TJ = 25
oC
Gate Driver = +15V, 10V,
RgEXT = 5ohm
See Figure 15 for typical gate drive /
inductive load switching circuit.
On Characteristics
Drain Source On resistance
Gate Resistance
RDS(on)
Total Drain Leakage Current
Total Gate Reverse Leakage
IDSS
IGSS
μA
mA
Off Characteristics
Value
Unit
Symbol
Parameter
Conditions
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com