| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAP51D-A-G1-R bảng dữ liệu(PDF) 11 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
SAP51D-A-G1-R bảng dữ liệu(HTML) 11 Page - Integrated Device Technology |
|
11 / 66 page ![]() SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 11 January 28, 2016 3 Basic Functional Description Note: Unless otherwise noted, the product name SAP5 refers to both the SAP51 and the SAP5S. The SAP5 is a low-level field bus IC designed for AS-i (Actuator Sensor Interface), which provides a secure interconnection for sensors, actuators, and switches via a two-wire unshielded cable. The SAP5 is used as part of a master or slave node and functions as an interface to the physical bus. It provides the power supply, physical data transfer, and communication protocol handling. The SAP5 can be programmed by the user to operate in Standard Slave Mode, Safety Mode (SAP5S only), or Master Mode. The special AS-i Safety Mode (SAP5S only) assures short response times regarding security-related events. Configuration data are stored in a programmable internal EEPROM. The SAP5 is optimized for harsh environments by its special burst protection circuitry and excellent electro- magnetic compatibility. 3.1. Functional Block Diagram Figure 3.1 Functional Block Diagram neg Main State Machine Power Supply pos MAN UART LTGP LTGN CDC U5R P[3:0] D[3:0] Output LED1, LED2 I / O DSTBn Output PSTBn Input PFAULT DSTB LED PSTB PFAULT EEPROM OSC1 OSC2 clk Oscillator PLL Offset I / O Offset I / O Param Data UOUT Thermal Protection APF Power Fail Detector Receiver Transmitter Electronic Inductor |