| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HV9901 bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV9901 bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 16 page ![]() HV9901 DS20005550A-page 14 2016 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: HV9901 = Universal Relay Driver Package: NG = 16-lead SOIC Environmental: G = Lead (Pb)-free/RoHS-compliant Package Media Type: (blank) = 45/Tube for an NG Package M901 = 2600/Reel for an NG Package M934 = 2600/Reel for an NG Package Note: For media types M901 and M934, the base quantity for tape and reel was standardized to 2600/reel. Both options will result in delivery of the same number of parts/reel. Examples: a) HV9901NG-G: Universal Relay Driver, 16-lead SOIC Package, 45/Tube b) HV9901NG-G-M901: Universal Relay Driver, 16-lead SOIC Package, 2600/Reel c) HV9901NG-G-M934: Universal Relay Driver, 16-lead SOIC Package, 2600/Reel PART NO. X Device X Environmental XX Package Options Media - - Type |