| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST25PF080B bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25PF080B bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 32 page ![]() SST25PF080B DS20005137B-page 28 2014 Microchip Technology Inc. FIGURE 7-3: 8-CONTACT VERY-VERY-THIN SMALL OUTLINE NO-LEAD (WSON) PACKAGE CODE: QA Note: 1. All linear dimensions are in millimeters (max/min). 2. Untoleranced dimensions (shown with box surround) are nominal target dimensions. 3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads. This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit. Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device. 8-wson-5x6-QA-9.0 4.0 1.27 BSC Pin #1 0.48 0.35 0.076 3.4 5.00 ± 0.10 6.00 ± 0.10 0.05 Max 0.70 0.50 0.80 0.70 0.80 0.70 Pin #1 Corner TOP VIEW BOTTOM VIEW CROSS SECTION SIDE VIEW 1mm 0.2 |