| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2229 bảng dữ liệu(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2229 bảng dữ liệu(HTML) 26 Page - Microchip Technology |
|
26 / 28 page ![]() USB2229/USB2230 DS00002252A-page 26 2005-2016 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB2229, USB2230 Temperature Range: Blank = 0 C to +70C Package: NU = 128-pin TQFP PART NO. [X] XXX Package Temperature Range Device [X] Internal Microchip Code - - Examples: a) USB2229-NU-02 128-pin TQFP RoHS Compliant package, Com- mercial Temp, Tray b) USB2230-NU-02 128-pin TQFP RoHS Compliant package, Com- mercial Temp, Tray |