| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS58C1001 bảng dữ liệu(PDF) 18 Page - Micross Components |
|
|
|||||||||||||||||||||||||||||
AS58C1001 bảng dữ liệu(HTML) 18 Page - Micross Components |
|
18 / 20 page ![]() EEPROM AS58C1001 AS58C1001 Rev. 5.9 11/10 Micross Components reserves the right to change products or specifications without notice. 18 ORDERING INFORMATION *AVAILABLE PROCESSES IT = Industrial Temperature Range -40oC to +85oC XT = Extended Temperature Range -55oC to +125oC 883C = Full Military Processing -55oC to +125oC EXAMPLE: AS58C1001SF-15/IT Device Number Package Type Speed ns Process Device Number Package Type Speed ns Process AS58C1001 SF -15 /* AS58C1001 F -15 /* AS58C1001 SF -20 /* AS58C1001 F -20 /* AS58C1001 SF -25 /* AS58C1001 F -25 /* EXAMPLE: AS58C1001DCJ-20/IT Device Number Package Type Speed ns Process AS58C1001 DCJ -15 /* AS58C1001 DCJ -20 /* AS58C1001 DCJ -25 /* EXAMPLE: AS58C1001F-25/883C |