| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS28C010 bảng dữ liệu(PDF) 10 Page - Micross Components |
|
|
|||||||||||||||||||||||||||||
AS28C010 bảng dữ liệu(HTML) 10 Page - Micross Components |
|
10 / 15 page ![]() EEPROM AS28C010 AS28C010 Rev. 1.7 01/12 Micross Components reserves the right to change products or specifications without notice. 10 OE\* CE\ WE\ ADDRESS ** I/O BYTE 0 BYTE 1 BYTE 2 BYTE n BYTE n+1 BYTE n+2 LAST BYTE tWPH tWP tBLC * Between successive byte writes within a page write operation, OE\ can bee strobed LOW: e.g. this can be done with CE\ and WE\ HIGH to fetch data from another memory device within the system for the next write; or with WE\ HIGH and CE\ LOW effectively performing a polling operation. **: 1- For each successive write within the page write operation A8-A16 should be the same or writes to an unknown address could occur. 2– The timings shown above are unique to page write operations. Individual byte load operations within the page write must conform to either CE\ or WE\ controlled write cycle timing. PAGE WRITE CYCLE |