| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS8FLC2M32 bảng dữ liệu(PDF) 27 Page - Micross Components |
|
|
|||||||||||||||||||||||||||||
AS8FLC2M32 bảng dữ liệu(HTML) 27 Page - Micross Components |
|
27 / 29 page ![]() FLASH AS8FLC2M32 AS8FLC2M32B Rev. 1.6 05/11 Micross Components reserves the right to change products or specifications without notice. 27 Ordering Information *Consult Factory for Top Boot Ceramic Quad Flat Pack Speed Pkg. Micross Part Number Configuration (ns) Industrial Operating Range (-40 0C to +850C) AS8FLC2M32BQ-70/IT* 2Mx32, 3.3v,Flash Bottom Boot Block 70 CQFP-68 AS8FLC2M32BQ-90/IT 2Mx32, 3.3v,Flash Bottom Boot Block 90 CQFP-68 AS8FLC2M32BQ-100/IT 2Mx32, 3.3v,Flash Bottom Boot Block 100 CQFP-68 AS8FLC2M32BQ-120/IT 2Mx32, 3.3v,Flash Bottom Boot Block 120 CQFP-68 Extended Operating Range (-55 0C to +1250C) AS8FLC2M32BQ-70/XT* 2Mx32, 3.3v,Flash Bottom Boot Block 70 CQFP-68 AS8FLC2M32BQ-90/XT 2Mx32, 3.3v,Flash Bottom Boot Block 90 CQFP-68 AS8FLC2M32BQ-100/XT 2Mx32, 3.3v,Flash Bottom Boot Block 100 CQFP-68 AS8FLC2M32BQ-120/XT 2Mx32, 3.3v,Flash Bottom Boot Block 120 CQFP-68 MIL-PRF-38534, CLASS H AS8FLC2M32BQ-70/Q* 2Mx32, 3.3v,Flash Bottom Boot Block 70 CQFP-68 AS8FLC2M32BQ-90/Q 2Mx32, 3.3v,Flash Bottom Boot Block 90 CQFP-68 AS8FLC2M32BQ-100/Q 2Mx32, 3.3v,Flash Bottom Boot Block 100 CQFP-68 AS8FLC2M32BQ-120/Q 2Mx32, 3.3v,Flash Bottom Boot Block 120 CQFP-68 Hex Inline Package Speed Pkg. Micross Part Number Configuration (ns) Industrial Operating Range (-40 0C to +850C) AS8FLC2M32BP-70/IT* 2Mx32, 3.3v,Flash Bottom Boot Block 70 HIP-66 AS8FLC2M32BP-90/IT 2Mx32, 3.3v,Flash Bottom Boot Block 90 HIP-66 AS8FLC2M32BP-100/IT 2Mx32, 3.3v,Flash Bottom Boot Block 100 HIP-66 AS8FLC2M32BP-120/IT 2Mx32, 3.3v,Flash Bottom Boot Block 120 HIP-66 Extended Operating Range (-55 0C to +1250C) AS8FLC2M32BP-70/XT* 2Mx32, 3.3v,Flash Bottom Boot Block 70 HIP-66 AS8FLC2M32BP-90/XT 2Mx32, 3.3v,Flash Bottom Boot Block 90 HIP-66 AS8FLC2M32BP-100/XT 2Mx32, 3.3v,Flash Bottom Boot Block 100 HIP-66 AS8FLC2M32BP-120/XT 2Mx32, 3.3v,Flash Bottom Boot Block 120 HIP-66 MIL-PRF-38534, CLASS H AS8FLC2M32BP-70/Q* 2Mx32, 3.3v,Flash Bottom Boot Block 70 HIP-66 AS8FLC2M32BP-90/Q 2Mx32, 3.3v,Flash Bottom Boot Block 90 HIP-66 AS8FLC2M32BP-100/Q 2Mx32, 3.3v,Flash Bottom Boot Block 100 HIP-66 AS8FLC2M32BP-120/Q 2Mx32, 3.3v,Flash Bottom Boot Block 120 HIP-66 *Contact Factory |