| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLUENRG-MS bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-MS bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 42 page ![]() Application controller interface BlueNRG-MS 7 Application controller interface The application controller interface (ACI) is based on a standard SPI module with speeds up to 8 MHz. The ACI defines a protocol providing access to all the services offered by the layers of the embedded Bluetooth stack. The ACI commands are described in the BlueNRG-MS ACI command interface document (UM1865). In addition, the ACI provides a set of commands that allow to program BlueNRG-MS firmware from an external device connected to SPI. The complete description of updater commands and procedures is provided in a separate application note (AN4491). 22/42 DocID027103 Rev 6 |