| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS8E128K32 bảng dữ liệu(PDF) 13 Page - Micross Components |
|
|
|||||||||||||||||||||||||||||
AS8E128K32 bảng dữ liệu(HTML) 13 Page - Micross Components |
|
13 / 15 page ![]() EEPROM AS8E128K32 AS8E128K32 Rev. 8.2 07/10 Micross Components reserves the right to change products or specifications without notice. 13 *AVAILABLE PROCESSES IT = Industrial Temperature Range -40oC to +85oC XT = Extended Temperature Range -55oC to +125oC 883C = Full Military Processing -55oC to +125oC PACKAGE NOTES P = Pins 8, 21, 28, and 39 are grounds. PN = Pins 8, 21, 28, and 39 are no connects. ORDERING INFORMATION Device Number Package Type Speed ns Process AS8E128K32 Q -120 /* AS8E128K32 Q3 -120 /* AS8E128K32 Q -140 /* AS8E128K32 Q3 -140 /* AS8E128K32 Q -150 /* AS8E128K32 Q3 -150 /* AS8E128K32 Q -200 /* AS8E128K32 Q3 -200 /* AS8E128K32 Q -250 /* AS8E128K32 Q3 -250 /* AS8E128K32 Q -300 /* AS8E128K32 Q3 -300 /* Device Number Package Type Speed ns Process AS8E128K32 AS8E128K32 P PN -120 -120 /* /* AS8E128K32 AS8E128K32 P PN -140 -140 /* /* AS8E128K32 AS8E128K32 P PN -150 -150 /* /* AS8E128K32 AS8E128K32 P PN -200 -200 /* /* AS8E128K32 AS8E128K32 P PN -250 -250 /* /* AS8E128K32 AS8E128K32 P PN -300 -300 /* /* EXAMPLE: AS8E128K32Q-250/XT EXAMPLE: AS8E128K32P-200/883C |