công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HV9921 bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện HV9921
Giải thích chi tiết về linh kiện  3-Pin Switch-Mode LED Lamp Driver ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9921 bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button HV9921 Datasheet HTML 7Page - Microchip Technology HV9921 Datasheet HTML 8Page - Microchip Technology HV9921 Datasheet HTML 9Page - Microchip Technology HV9921 Datasheet HTML 10Page - Microchip Technology HV9921 Datasheet HTML 11Page - Microchip Technology HV9921 Datasheet HTML 12Page - Microchip Technology HV9921 Datasheet HTML 13Page - Microchip Technology HV9921 Datasheet HTML 14Page - Microchip Technology HV9921 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
 2014 Microchip Technology Inc.
DS20005311A-page 11
HV9921/HV9922/HV9923
5.0
LAYOUT CONSIDERATIONS
For a recommended circuit board layout for the
HV9921/22/23, see Figure 5-1.
5.1
Single Point Grounding
Use a single point ground connection from the input fil-
ter capacitor to the area of copper connected to the
GND pin.
5.2
Bypass Capacitor (CDD)
The VDD pin bypass capacitor CDD should be located
as near as possible to the VDD and GND pins.
5.3
Switching Loop Areas
The area of the switching loop connecting the input fil-
ter capacitor CIN, the diode D1 and the HV9921/22/23
together should be kept as small as possible.
The switching loop area connecting the output filter
capacitor CO, the inductor L1 and the diode D1
together should be kept as small as possible.
5.4
Thermal Considerations vs.
Radiated EMI
The copper area where GND pin is connected acts not
only as a single point ground, but also as a heat sink.
This area should be maximized for good heat sinking,
especially when the SOT-89 package is used. The
same applies to the cathode of the free-wheeling diode
D1. Both nodes are quiet; therefore, they will not cause
radiated RF emission. The switching node copper area
connected to the DRAIN pin of the HV9921/22/23, the
anode of D1 and the inductor L1 needs to be mini-
mized. A large switching node area can increase high
frequency radiated EMI.
5.5
Input Filter Layout Considerations
The input circuits of the EMI filter must not be placed in
the direct proximity to the inductor L1 in order to avoid
magnetic coupling of its leakage fields. This consider-
ation is especially important when unshielded con-
struction of L1 is used. When an axial input EMI filter
inductor LIN is selected, it must be positioned orthogo-
nal with respect to L1. The loop area formed by CIN2,
LIN and CIN should be minimized. The input lead wires
must be twisted together.
FIGURE 5-1:
RECOMMENDED CIRCUIT BOARD LAYOUT WITH HV9921/22/23
D2-5
L
IN
C
O
L1
U1
VRD1
C
IN
C
IN2
D1
C
DD
F1
AC Line
85-264VAC
LED +
LED -
COMPONENT SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com