công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST39VF3201C bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện SST39VF3201C
Giải thích chi tiết về linh kiện  32 Mbit (x16) Multi-Purpose Flash Plus
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF3201C bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button SST39VF3201C Datasheet HTML 4Page - Microchip Technology SST39VF3201C Datasheet HTML 5Page - Microchip Technology SST39VF3201C Datasheet HTML 6Page - Microchip Technology SST39VF3201C Datasheet HTML 7Page - Microchip Technology SST39VF3201C Datasheet HTML 8Page - Microchip Technology SST39VF3201C Datasheet HTML 9Page - Microchip Technology SST39VF3201C Datasheet HTML 10Page - Microchip Technology SST39VF3201C Datasheet HTML 11Page - Microchip Technology SST39VF3201C Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005020B
07/14
8
32 Mbit Multi-Purpose Flash Plus
SST39VF3201C / SST39VF3202C
Data Sheet
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written
to the device using standard microprocessor write sequences. A command is written by asserting WE#
low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever
occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
The SST39VF3201C/3202C also have the Auto Low Power mode which puts the device in a near
standby mode after data has been accessed with a valid Read operation. This reduces the IDD active
read current from typically 9 mA to typically 4 µA. The Auto Low Power mode reduces the typical IDD
active read current to the range of 2 mA/MHz of Read cycle time. The device exits the Auto Low Power
mode with any address transition or control signal transition used to initiate another Read cycle, with
no access time penalty. Note that the device does not enter Auto-Low Power mode after power-up with
CE# held steadily low, until the first address transition or CE# is driven high.
Read
The Read operation of the SST39VF3201C/3202C is controlled by CE# and OE#, both have to be low
for the system to obtain data from the outputs. CE# is used for device selection. When CE# is high, the
chip is deselected and only standby power is consumed. OE# is the output control and is used to gate
data from the output pins. The data bus is in high impedance state when either CE# or OE# is high.
Refer to the Read cycle timing diagram for further details (Figure 5).
Word-Program Operation
The SST39VF3201C/3202C are programmed on a word-by-word basis. Before programming, the sector
where the word exists must be fully erased. The Program operation is accomplished in three steps.
The first step is the three-byte load sequence for Software Data Protection. The second step is to load
word address and word data. During the Word-Program operation, the addresses are latched on the
falling edge of either CE# or WE#, whichever occurs last. The data is latched on the rising edge of
either CE# or WE#, whichever occurs first. The third step is the internal Program operation which is ini-
tiated after the rising edge of the fourth WE# or CE#, whichever occurs first. The Program operation,
once initiated, will be completed within 10 µs. See Figure 6 and Figure 7 for WE# and CE# controlled
Program operation timing diagrams and Figure 21 for flowcharts. During the Program operation, the
only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is
free to perform additional tasks. Any commands issued during the internal Program operation are
ignored. During the command sequence, WP# should be statically held high or low.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or
block-by-block) basis. The SST39VF3201C/3202C offer both Sector-Erase and Block-Erase mode. The
sector architecture is based on uniform sector size of 2 KWord. The Block-Erase mode is based on
block sizes of 4 and 32 KWord. The Sector-Erase operation is initiated by executing a six-byte com-
mand sequence with Sector-Erase command (50H) and sector address (SA) in the last bus cycle. The
Block-Erase operation is initiated by executing a six-byte command sequence with Block-Erase com-
mand (30H) and block address (BA) in the last bus cycle. The sector or block address is latched on the
falling edge of the sixth WE# pulse, while the command (50H or 30H) is latched on the rising edge of
the sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The End-of-Erase
operation can be determined using either Data# Polling or Toggle Bit methods. See Figure 11 and Fig-
ure 12 for timing waveforms and Figure 25 for the flowchart. Any commands issued during the Sector-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37