công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LEA100F bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện LEA100F
Giải thích chi tiết về linh kiện  MAX OUTPUT WATTAGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

LEA100F bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  LEA100F Datasheet HTML 1Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 2Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 3Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 4Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 5Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 6Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 7Page - List of Unclassifed Manufacturers LEA100F Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
¡INPUT HARMONIC CURRENT (LEA75F-5)
¡EFFICIENCY (LEA75F-5)
¡INPUT HARMONIC CURRENT (LEA75F-5)
¡RISE TIME & FALL TIME (LEA75F-5)
DC Output
AC Input
Io=100%
50ms/DIV
ACIN 100V
78
80
76
74
72
100
60
140
180
220
260
300
100%
50%
Load factor
Load factor
INPUT VOLTAGE
V
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
100V
HARMONIC ORDER
010
20
30
40
0.01
0.001
0.1
1
10
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
230V
HARMONIC ORDER
030
40
0.001
0.01
0.1
1
10
10
20
LEA
LEA-5
LEA75F
External view
I / O Connector Mating Connector
Terminal
(Mfr: J.S.T.)
CN1
CN2
CN3
B3P5-VH
B6P-VH
B2B-XH-A
VHR-5N
VHR-6N
XHP-2
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SXH-001T-P0.6
Loose: BXH-001T-P0.6
¶Keep drawing current per pin below 5A for CN2
¶Weight: 290g or less
¶Tolerance: 1
¶Dimensions in mm.
¶PCB Material: Glass composite
¶Chassis and cover is optional.
¶Chassis and cover is not available
to remote ON/OFF unit.
¶Mounting torque: 1.5N · m(16kgf · cm)max
PIN CONNECTION
Pin No.
1
2
3
4
5
Input
AC(L)
AC(N)
FG
CN1
Pin No. Output
CN2
Optional
Pin No. Remote ON/OFF
CN3
1
2
RC(
+)
RC(
-)
1
~3
4
~6
-V
+V
(Without chassis and cover)
(CEM3)
Connector for Remote
ON/OFF (optional)
Voltage adjust (optional)
Name plate
Mounting
Hole
Mounting Hole
8
252
8
4-
º3.5
35.5
2-
º4.5
º4.5
222
212+
-0.5
235+
-0.5
235+
-0.5
CN2
C119
PCB t=1.6
CN3
CN1
FG
AC(N)
AC(L)
Output(-)
Output(+)
4-M4
CN1
CN2
Mounting Hole
2-M4
5
RC(-)
RC(+)
t
Performance data



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com