| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF7580MPbF bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF7580MPbF bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 11 page ![]() IRF7580MTRPbF 10 www.irf.com © 2014 International Rectifier Submit Datasheet Feedback February 13, 2014 DirectFET® Outline Dimension, ME Outline (Medium Size Can, E-Designation) Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes all recommendations for stencil and substrate designs. DirectFET® Part Marking Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ Dimensions are shown in millimeters (inches) CODE A B C D E F G H J L 0.017 0.083 0.156 0.044 0.018 0.024 MAX 0.250 0.38 2.08 3.85 1.08 0.35 0.58 MIN 6.25 4.80 0.42 2.12 3.95 1.12 0.45 0.62 MAX 6.35 5.05 0.015 0.082 0.152 0.043 0.023 0.014 MIN 0.189 0.246 METRIC IMPERIAL DIMENSIONS 0.93 0.97 1.28 1.32 0.038 0.037 0.052 0.050 J1 0.023 0.62 0.58 0.024 0.035 0.92 0.88 0.036 K 0.199 L1 0.144 3.63 3.67 0.143 M P 0.028 0.007 0.59 0.08 0.70 0.17 0.023 0.003 N 0.02 0.08 0.0008 0.003 PART NUMBER BATCH NUMBER DATE CODE Line above the last character of the date code indicates "Lead-Free" GATE MARKING LOGO |