| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC52N4527ECTTR bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC52N4527ECTTR bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 12 page ![]() 2001-2015 Microchip Technology Inc. DS20001430E-page 5 TC52 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 5-Lead SOT-23 Example N0C2 Standard Markings for SOT-23 Part Number Code TC52N3027ECTTR N0C# TC52N4527ECTTR N0P# Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. 3 e 3 e N-channel Indication and Integer Part of Output Voltage Symbol Output N Nch Registration Serial Number Symbol Detected Voltage 1 Detected Voltage 2 0C 3.0 2.7 0P 4.5 2.7 |