công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC52N3027ECTTR bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện TC52N3027ECTTR
Giải thích chi tiết về linh kiện  Dual-Channel Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC52N3027ECTTR bảng dữ liệu(HTML) 5 Page - Microchip Technology

  TC52N3027ECTTR Datasheet HTML 1Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 2Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 3Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 4Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 5Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 6Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 7Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 8Page - Microchip Technology TC52N3027ECTTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2001-2015 Microchip Technology Inc.
DS20001430E-page 5
TC52
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
5-Lead SOT-23
Example
N0C2
Standard Markings for SOT-23
Part Number
Code
TC52N3027ECTTR
N0C#
TC52N4527ECTTR
N0P#
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e
N-channel Indication and Integer Part of Output Voltage
Symbol
Output
N
Nch
Registration Serial Number
Symbol Detected Voltage 1
Detected Voltage 2
0C
3.0
2.7
0P
4.5
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12