| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VN7040AJ bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN7040AJ bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 55 page ![]() VN7040AJ, VN7040AS Electrical specification DocID027400 Rev 3 21/55 Mode Conditions INX FR(1) SEn SELX(1) OUTX MultiSense Comments H H H See (2) Outputs configured for latch-off(1) Overload Overload or short to GND causing: Tj > TTSD or ΔTj > ΔTj_SD L X See (2) L See (2) H L H See (2) Output cycles with temperature hysteresis H H L See (2) Output latches-off(1) Undervoltage VCC < VUSD (falling) X X X X L L Hi-Z Hi-Z Re-start when VCC > VUSD + VUSDhyst (rising) OFF-state diagnostics Short to VCC L X See (2) H See (2) Open-load L X H See (2) External pull- up Negative output voltage Inductive loads turn-off L X See (2) < 0 V See (2) Notes: (1)VN7040AJ only (2)Refer to Table 11: "MultiSense multiplexer addressing" Table 11: MultiSense multiplexer addressing SEn SEL1 SEL0 MUX channel MultiSense output Normal mode Overload OFF-state diag. (1) Negative output SO-8 L N.A. N.A. N.A. Hi-Z H N.A. N.A. Channel diagnostic ISENSE = 1/K * IOUT VSENSE = VSENSEH VSENSE = VSENSEH Hi-Z PowerSSO-16 H L L Channel diagnostic ISENSE = 1/K * IOUT VSENSE = VSENSEH VSENSE = VSENSEH Hi-Z H L H Channel diagnostic ISENSE = 1/K * IOUT VSENSE = VSENSEH VSENSE = VSENSEH Hi-Z H H L TCHIP Sense VSENSE = VSENSE_TC H H H VCC Sense VSENSE = VSENSE_VCC Notes: (1)In case the output channel corresponding to the selected MUX channel is latched off while the relevant input is low, Multisense pin delivers feedback according to OFF-State diagnostic. Example 1: FR = 1; IN = 0; OUT = L (latched); MUX channel = channel 0 diagnostic; Mutisense = 0. Example 2: FR = 1; IN = 0; OUT = latched, VOUT > VOL; MUX channel = channel 0 diagnostic; Mutisense = VSENSEH |