| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSZ124IYPT bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSZ124IYPT bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 38 page ![]() Contents TSZ121, TSZ122, TSZ124 2/38 DocID023563 Rev 5 Contents 1 Package pin connections................................................................ 3 2 Absolute maximum ratings and operating conditions ................. 4 3 Electrical characteristics ................................................................ 5 4 Electrical characteristic curves .................................................... 11 5 Application information ................................................................ 17 5.1 Operation theory ............................................................................. 17 5.1.1 Time domain ..................................................................................... 17 5.1.2 Frequency domain............................................................................ 18 5.2 Operating voltages .......................................................................... 19 5.3 Input pin voltage ranges .................................................................. 19 5.4 Rail-to-rail input ............................................................................... 19 5.5 Input offset voltage drift over temperature....................................... 20 5.6 Rail-to-rail output............................................................................. 20 5.7 Capacitive load................................................................................ 20 5.8 PCB layout recommendations......................................................... 21 5.9 Optimized application recommendation .......................................... 21 5.10 EMI rejection ration (EMIRR) .......................................................... 22 5.11 Application examples ...................................................................... 22 5.11.1 Oxygen sensor ................................................................................. 22 5.11.2 Precision instrumentation amplifier .................................................. 23 5.11.3 Low-side current sensing.................................................................. 24 6 Package information ..................................................................... 25 6.1 SC70-5 (or SOT323-5) package information................................... 26 6.2 SOT23-5 package information ........................................................ 27 6.3 DFN8 2x2 package information....................................................... 29 6.4 MiniSO8 package information ......................................................... 31 6.5 SO8 package information................................................................ 32 6.6 QFN16 3x3 package information..................................................... 33 6.7 TSSOP14 package information....................................................... 35 7 Ordering information..................................................................... 36 8 Revision history ............................................................................ 37 |