| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VN7004CLH bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN7004CLH bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 36 page ![]() Block diagram and pin description VN7004CLH 6/36 DocID027770 Rev 5 Figure 2: Configuration diagram (top view) Table 3: Suggested connections for unused and not connected pins Connection / pin CS N.C. Output Input FR_DIAG Floating Not allowed X (1) X X X To ground Through 1 kΩ resistor X Not allowed Through 15 kΩ resistor Through 15 kΩ resistor Notes: (1)X: do not care. |