| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F401VCH6 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401VCH6 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 135 page ![]() Introduction STM32F401xB STM32F401xC 9/135 DocID024738 Rev 6 1 Introduction This datasheet provides the description of the STM32F401xB/STM32F401xC line of microcontrollers. The STM32F401xB/STM32F401xC datasheet should be read in conjunction with RM0368 reference manual which is available from the STMicroelectronics website www.st.com. It includes all information concerning Flash memory programming. For information on the Cortex®-M4 core, please refer to the Cortex®-M4 programming manual (PM0214) available from www.st.com. |