công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F401RCT6 bảng dữ liệu(PDF) 45 Page - STMicroelectronics

tên linh kiện STM32F401RCT6
Giải thích chi tiết về linh kiện  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401RCT6 bảng dữ liệu(HTML) 45 Page - STMicroelectronics

Back Button STM32F401RCT6 Datasheet HTML 41Page - STMicroelectronics STM32F401RCT6 Datasheet HTML 42Page - STMicroelectronics STM32F401RCT6 Datasheet HTML 43Page - STMicroelectronics STM32F401RCT6 Datasheet HTML 44Page - STMicroelectronics STM32F401RCT6 Datasheet HTML 45Page - STMicroelectronics STM32F401RCT6 Datasheet HTML 46Page - STMicroelectronics STM32F401RCT6 Datasheet HTML 47Page - STMicroelectronics STM32F401RCT6 Datasheet HTML 48Page - STMicroelectronics STM32F401RCT6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 135 page
background image
PB0
-
TIM1_CH2N TIM3_CH3
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PB1
-
TIM1_CH3N TIM3_CH4
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PB2
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PB3
JTDO-
SWO
TIM2_CH2
-
-
-
SPI1_SCK
SPI3_SCK/
I2S3_CK
-
-
I2C2_SDA
-
-
-
-
-
EVENT
OUT
PB4
JTRST
-
TIM3_CH1
-
-
SPI1_
MISO
SPI3_MISO
I2S3ext_S
D
-I2C3_SDA
-
-
-
-
-
EVENT
OUT
PB5
-
-
TIM3_CH2
-
I2C1_
SMBA
SPI1
_MOSI
SPI3_MOSI/
I2S3_SD
--
-
-
-
-
-
-
EVENT
OUT
PB6
-
-
TIM4_CH1
-
I2C1_SCL
-
-
USART1_
TX
--
-
-
-
-
-
EVENT
OUT
PB7
-
-
TIM4_CH2
-
I2C1_SDA
-
-
USART1_
RX
--
-
-
-
-
-
EVENT
OUT
PB8
-
-
TIM4_CH3
TIM10_CH1
I2C1_SCL
-
-
-
-
-
-
-
SDIO_
D4
--
EVENT
OUT
PB9
-
-
TIM4_CH4
TIM11_CH1
I2C1_SDA
SPI2_NSS/I
2S2_WS
--
-
-
-
-
SDIO_
D5
--
EVENT
OUT
PB10
-
TIM2_CH3
-
-
I2C2_SCL
SPI2_SCK/I
2S2_CK
--
-
-
-
-
-
-
-
EVENT
OUT
PB11
-
TIM2_CH4
-
-
I2C2_SDA
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PB12
-
TIM1_BKIN
-
-
I2C2_
SMBA
SPI2_NSS/I
2S2_WS
--
-
-
-
-
-
-
-
EVENT
OUT
PB13
-
TIM1_CH1N
-
-
-
SPI2_SCK/I
2S2_CK
--
-
-
-
-
-
-
-
EVENT
OUT
PB14
-
TIM1_CH2N
-
-
-
SPI2_MISO
I2S2ext_SD
-
-
-
-
-
-
-
-
EVENT
OUT
PB15
RTC_
REFN
TIM1_CH3N
-
-
-
SPI2_MOSI
/I2S2_SD
--
-
-
-
-
-
-
-
EVENT
OUT
Table 9. Alternate function mapping (continued)
Port
AF00
AF01
AF02
AF03
AF04
AF05
AF06
AF07
AF08
AF09
AF10
AF11
AF12
AF13 AF14
AF15
SYS_AF
TIM1/TIM2
TIM3/
TIM4/ TIM5
TIM9/
TIM10/
TIM11
I2C1/I2C2/
I2C3
SPI1/SPI2/
I2S2/SPI3/
I2S3/SPI4
SPI2/I2S2/
SPI3/ I2S3
SPI3/I2S3/
USART1/
USART2
USART6
I2C2/
I2C3
OTG1_FS
SDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More