công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F745ZGT6 bảng dữ liệu(PDF) 32 Page - STMicroelectronics

tên linh kiện STM32F745ZGT6
Giải thích chi tiết về linh kiện  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F745ZGT6 bảng dữ liệu(HTML) 32 Page - STMicroelectronics

Back Button STM32F745ZGT6 Datasheet HTML 28Page - STMicroelectronics STM32F745ZGT6 Datasheet HTML 29Page - STMicroelectronics STM32F745ZGT6 Datasheet HTML 30Page - STMicroelectronics STM32F745ZGT6 Datasheet HTML 31Page - STMicroelectronics STM32F745ZGT6 Datasheet HTML 32Page - STMicroelectronics STM32F745ZGT6 Datasheet HTML 33Page - STMicroelectronics STM32F745ZGT6 Datasheet HTML 34Page - STMicroelectronics STM32F745ZGT6 Datasheet HTML 35Page - STMicroelectronics STM32F745ZGT6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 227 page
background image
Functional overview
STM32F745xx STM32F746xx
32/227
DocID027590 Rev 4
2.21
VBAT operation
The VBAT pin allows to power the device VBAT domain from an external battery, an external
supercapacitor, or from VDD when no external battery and an external supercapacitor are
present.
VBAT operation is activated when VDD is not present.
The VBAT pin supplies the RTC, the backup registers and the backup SRAM.
Note:
When the microcontroller is supplied from VBAT, external interrupts and RTC alarm/events
do not exit it from VBAT operation.
When PDR_ON pin is connected to VSS (Internal Reset OFF), the VBAT functionality is no
more available and VBAT pin should be connected to VDD.
2.22
Timers and watchdogs
The devices include two advanced-control timers, eight general-purpose timers, two basic
timers and two watchdog timers.
All timer counters can be frozen in debug mode.
Table 6 compares the features of the advanced-control, general-purpose and basic timers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More