| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F401VBH3 bảng dữ liệu(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401VBH3 bảng dữ liệu(HTML) 114 Page - STMicroelectronics |
|
114 / 135 page ![]() DocID024738 Rev 6 114/135 STM32F401xB STM32F401xC Package information 130 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 WLCSP49 2.965x2.965 mm package information Figure 46. WLCSP49 - 0.4 mm pitch wafer level chip scale package outline 1. Drawing is not to scale. |