công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F401VBH3 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STM32F401VBH3
Giải thích chi tiết về linh kiện  ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F401VBH3 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STM32F401VBH3 Datasheet HTML 5Page - STMicroelectronics STM32F401VBH3 Datasheet HTML 6Page - STMicroelectronics STM32F401VBH3 Datasheet HTML 7Page - STMicroelectronics STM32F401VBH3 Datasheet HTML 8Page - STMicroelectronics STM32F401VBH3 Datasheet HTML 9Page - STMicroelectronics STM32F401VBH3 Datasheet HTML 10Page - STMicroelectronics STM32F401VBH3 Datasheet HTML 11Page - STMicroelectronics STM32F401VBH3 Datasheet HTML 12Page - STMicroelectronics STM32F401VBH3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 135 page
background image
Introduction
STM32F401xB STM32F401xC
9/135
DocID024738 Rev 6
1
Introduction
This datasheet provides the description of the STM32F401xB/STM32F401xC line of
microcontrollers.
The STM32F401xB/STM32F401xC datasheet should be read in conjunction with RM0368
reference manual which is available from the STMicroelectronics website www.st.com. It
includes all information concerning Flash memory programming.
For information on the Cortex®-M4 core, please refer to the Cortex®-M4 programming
manual (PM0214) available from www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More