| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32469VG bảng dữ liệu(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469VG bảng dữ liệu(HTML) 73 Page - STMicroelectronics |
|
73 / 217 page ![]() Table 12. Alternate function Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/ UART 4/5/7/ 8 CAN1/2/ TIM12/ 13/14/ QUAD SPI/LCD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/ SDIO/ OTG2_ FS DCMI/ DSI HOST LCD SYS Port A PA0 - TIM2_CH1/ TIM2_ETR TIM5_CH1 TIM8_ETR - - - USART2_ CTS UART4_ TX - - ETH_MII_CRS - - - EVENT OUT PA1 - TIM2_CH2 TIM5_CH2 -- - - USART2_ RTS UART4_ RX QUADSPI_ BK1_IO3 - ETH_MII_RX_ CLK/ETH_RMI I_REF_CLK -- LCD_R2 EVENT OUT PA2 - TIM2_CH3 TIM5_CH3 TIM9_CH1 -- - USART2_T X -- - ETH_MDIO -- LCD_R1 EVENT OUT PA3 - TIM2_CH4 TIM5_CH4 TIM9_CH2 -- - USART2_ RX - LCD_B2 OTG_HS _ULPI_D0 ETH_MII_COL -- LCD_B5 EVENT OUT PA4 -- - - - SPI1_NSS SPI3_NSS/ I2S3_WS USART2_ CK -- - - OTG_HS_S OF DCMI_HS YNC LCD_VSY NC EVENT OUT PA5 - TIM2_CH1/ TIM2_ETR - TIM8_CH1 N - SPI1_SCK -- - - OTG_HS _ULPI_C K - - - LCD_R4 EVENT OUT PA6 - TIM1_BKIN TIM3_CH1 TIM8_BKI N - SPI1_ MISO -- - TIM13_CH1 - - - DCMI_PIX CLK LCD_G2 EVENT OUT PA7 - TIM1_ CH1N TIM3_CH2 TIM8_CH1 N - SPI1_ MOSI -- - TIM14_CH1 QUADSPI _CLK ETH_MII_RX_ DV/ETH_RMII _CRS_DV FMC_SDN WE -- EVENT OUT PA8 MCO1 TIM1_CH1 -- I2C3_SCL - - USART1_ CK -- OTG_FS_ SOF -- - LCD_R6 EVENT OUT PA9 - TIM1_CH2 -- I2C3_SMBA SPI2_SCK/I 2S2_CK - USART1_T X -- - - - DCMI_D0 - EVENT OUT PA10 - TIM1_CH3 -- - - - USART1_ RX -- OTG_FS_ ID -- DCMI_D1 - EVENT OUT PA11 - TIM1_CH4 -- - - - USART1_ CTS - CAN1_RX OTG_FS_ DM -- - LCD_R4 EVENT OUT PA12 - TIM1_ETR -- - - - USART1_ RTS - CAN1_TX OTG_FS_ DP -- - LCD_R5 EVENT OUT PA13 JTMS- SWDIO -- - - - - - - - - - - - - EVENT OUT PA14 JTCK- SWCLK -- - - - - - - - - - - - - EVENT OUT PA15 JTDI TIM2_CH1/ TIM2_ETR -- -SPI1_NSS SPI3_NSS/ I2S3_WS -- - - - - - - EVENT ‘OUT |