| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F746IE bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746IE bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 227 page ![]() Port C PC4 - - - - - I2S1_M CK -- SPDIFRX _IN2 -- ETH_MII_ RXD0/ET H_RMII_ RXD0 FMC_SD NE0 -- EVEN TOUT PC5 - -- - - -- - SPDIFRX _IN3 -- ETH_MII_ RXD1/ET H_RMII_ RXD1 FMC_SD CKE0 -- EVEN TOUT PC6 - - TIM3_C H1 TIM8_CH 1 - I2S2_M CK -- USART6 _TX -- - SDMMC 1_D6 DCMI_D 0 LCD_HS YNC EVEN TOUT PC7 - - TIM3_C H2 TIM8_ CH2 -- I2S3_M CK - USART6 _RX -- - SDMMC 1_D7 DCMI_D 1 LCD_G6 EVEN TOUT PC8 TRACE D1 - TIM3_C H3 TIM8_ CH3 -- - UART5_ RTS USART6 _CK -- - SDMMC 1_D0 DCMI_D 2 - EVEN TOUT PC9 MCO2 - TIM3_C H4 TIM8_ CH4 I2C3_SD A I2S_CKI N - UART5_ CTS - QUADSP I_BK1_IO 0 -- SDMMC 1_D1 DCMI_D 3 - EVEN TOUT PC10 - - - - - - SPI3_SC K/I2S3_ CK USART3 _TX UART4_T X QUADSP I_BK1_IO 1 -- SDMMC 1_D2 DCMI_D 8 LCD_R2 EVEN TOUT PC11 - - - - - - SPI3_MI SO USART3 _RX UART4_ RX QUADSP I_BK2_N CS -- SDMMC 1_D3 DCMI_D 4 - EVEN TOUT PC12 TRACE D3 -- - - - SPI3_M OSI/I2S3 _SD USART3 _CK UART5_T X -- - SDMMC 1_CK DCMI_D 9 - EVEN TOUT PC13 - - - - - - - --- - - - - - EVEN TOUT PC14 - - - - - - - --- - - - - - EVEN TOUT PC15 - - - - - - - --- - - - - - EVEN TOUT Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/CEC I2C1/2/3/ 4/CEC SPI1/2/3/ 4/5/6 SPI3/ SAI1 SPI2/3/U SART1/2/ 3/UART5/ SPDIFRX SAI2/US ART6/UA RT4/5/7/8 /SPDIFR X CAN1/2/T IM12/13/ 14/QUAD SPI/LCD SAI2/QU ADSPI/O TG2_HS/ OTG1_FS ETH/ OTG1_FS FMC/SD MMC1/O TG2_FS DCMI LCD SYS |