| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F401VCT6 bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401VCT6 bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 57/135 DocID024738 Rev 6 6.1.7 Current consumption measurement Figure 19. Current consumption measurement scheme 6.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 11: Voltage characteristics, Table 12: Current characteristics, and Table 13: Thermal characteristics may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Device mission profile (application conditions) is compliant with JEDEC JESD47 Qualification Standard. Extended mission profiles are available on demand. Table 11. Voltage characteristics Symbol Ratings Min Max Unit VDD–VSS External main supply voltage (including VDDA, VDD and VBAT)(1) 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. –0.3 4.0 V VIN Input voltage on FT pins(2) 2. VIN maximum value must always be respected. Refer to Table 12 for the values of the maximum allowed injected current. VSS–0.3 VDD+4.0 Input voltage on any other pin VSS–0.3 4.0 Input voltage for BOOT0 VSS 9.0 | ΔVDDx| Variations between different VDD power pins - 50 mV |VSSX −VSS| Variations between all the different ground pins including VREF- -50 VESD(HBM) Electrostatic discharge voltage (human body model) see Section 6.3.14: Absolute maximum ratings (electrical sensitivity) |