| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F401CBU3 bảng dữ liệu(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CBU3 bảng dữ liệu(HTML) 81 Page - STMicroelectronics |
|
81 / 135 page ![]() Electrical characteristics STM32F401xB STM32F401xC 81/135 DocID024738 Rev 6 IDD(PLL)(4) PLL power consumption on VDD VCO freq = 192 MHz VCO freq = 432 MHz 0.15 0.45 - 0.40 0.75 mA IDDA(PLL)(4) PLL power consumption on VDDA VCO freq = 192 MHz VCO freq = 432 MHz 0.30 0.55 - 0.40 0.85 1. Take care of using the appropriate division factor M to obtain the specified PLL input clock values. The M factor is shared between PLL and PLLI2S. 2. Guaranteed by design. 3. The use of 2 PLLs in parallel could degraded the Jitter up to +30%. 4. Guaranteed by characterization. Table 41. Main PLL characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit Table 42. PLLI2S (audio PLL) characteristics Symbol Parameter Conditions Min Typ Max Unit fPLLI2S_IN PLLI2S input clock(1) 0.95(2) 12.10 MHz fPLLI2S_OUT PLLI2S multiplier output clock - - 216 fVCO_OUT PLLI2S VCO output 192 - 432 tLOCK PLLI2S lock time VCO freq = 192 MHz 75 - 200 µs VCO freq = 432 MHz 100 - 300 Jitter(3) Master I2S clock jitter Cycle to cycle at 12.288 MHz on 48 KHz period, N=432, R=5 RMS - 90 - peak to peak - ±280 - ps Average frequency of 12.288 MHz N = 432, R = 5 on 1000 samples -90 - WS I2S clock jitter Cycle to cycle at 48 KHz on 1000 samples - 400 - IDD(PLLI2S)(4) PLLI2S power consumption on VDD VCO freq = 192 MHz VCO freq = 432 MHz 0.15 0.45 - 0.40 0.75 mA IDDA(PLLI2S)(4) PLLI2S power consumption on VDDA VCO freq = 192 MHz VCO freq = 432 MHz 0.30 0.55 - 0.40 0.85 1. Take care of using the appropriate division factor M to have the specified PLL input clock values. 2. Guaranteed by design. 3. Value given with main PLL running. 4. Guaranteed by characterization. |