công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F745VG bảng dữ liệu(PDF) 66 Page - STMicroelectronics

tên linh kiện STM32F745VG
Giải thích chi tiết về linh kiện  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F745VG bảng dữ liệu(HTML) 66 Page - STMicroelectronics

Back Button STM32F745VG Datasheet HTML 62Page - STMicroelectronics STM32F745VG Datasheet HTML 63Page - STMicroelectronics STM32F745VG Datasheet HTML 64Page - STMicroelectronics STM32F745VG Datasheet HTML 65Page - STMicroelectronics STM32F745VG Datasheet HTML 66Page - STMicroelectronics STM32F745VG Datasheet HTML 67Page - STMicroelectronics STM32F745VG Datasheet HTML 68Page - STMicroelectronics STM32F745VG Datasheet HTML 69Page - STMicroelectronics STM32F745VG Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 227 page
background image
Pinouts and pin description
STM32F745xx STM32F746xx
66/227
DocID027590 Rev 4
69
D10
D5
102 D15 121 144 D15
PA10
I/O FT
-
TIM1_CH3, USART1_RX,
OTG_FS_ID, DCMI_D1,
EVENTOUT
-
70
C10
D4
103 C15 122 145 C15
PA11
I/O FT
-
TIM1_CH4,
USART1_CTS,
CAN1_RX, OTG_FS_DM,
LCD_R4, EVENTOUT
-
71
B10
E1
104 B15 123 146 B15
PA12
I/O FT
-
TIM1_ETR,
USART1_RTS,
SAI2_FS_B, CAN1_TX,
OTG_FS_DP, LCD_R5,
EVENTOUT
-
72
A10
D3
105 A15 124 147 A15
PA13(JT
MS-
SWDIO)
I/O FT
-
JTMS-SWDIO,
EVENTOUT
-
73
E7
D1
106 F13 125 148 E11 VCAP_2
S
-
-
-
-
74
E5
D2
107 F12 126 149 F10
VSS
S
-
-
-
-
75
F5
C1
108 G13 127 150 F11
VDD
S
-
-
-
-
-
-
-
-
E12 128 151 E12
PH13
I/O FT
-
TIM8_CH1N, CAN1_TX,
FMC_D21, LCD_G2,
EVENTOUT
-
-
-
-
-
E13 129 152 E13
PH14
I/O FT
-
TIM8_CH2N, FMC_D22,
DCMI_D4, LCD_G3,
EVENTOUT
-
-
-
-
-
D13 130 153 D13
PH15
I/O FT
-
TIM8_CH3N, FMC_D23,
DCMI_D11, LCD_G4,
EVENTOUT
-
-
-
-
-
E14 131 154 E14
PI0
I/O FT
-
TIM5_CH4,
SPI2_NSS/I2S2_WS,
FMC_D24, DCMI_D13,
LCD_G5, EVENTOUT
-
-
-
-
-
D14 132 155 D14
PI1
I/O FT
-
TIM8_BKIN2,
SPI2_SCK/I2S2_CK,
FMC_D25, DCMI_D8,
LCD_G6, EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More