| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F427IG bảng dữ liệu(PDF) 230 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IG bảng dữ liệu(HTML) 230 Page - STMicroelectronics |
|
230 / 239 page ![]() DocID024030 Rev 9 229/238 STM32F427xx STM32F429xx Application block diagrams 231 B.2 USB OTG high speed (HS) interface solutions Figure 106. USB controller configured as peripheral, host, or dual-mode and used in high speed mode 1. It is possible to use MCO1 or MCO2 to save a crystal. It is however not mandatory to clock the STM32F42x with a 24 or 26 MHz crystal when using USB HS. The above figure only shows an example of a possible connection. 2. The ID pin is required in dual role only. |