| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F427IG bảng dữ liệu(PDF) 228 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IG bảng dữ liệu(HTML) 228 Page - STMicroelectronics |
|
228 / 239 page ![]() DocID024030 Rev 9 227/238 STM32F427xx STM32F429xx Application block diagrams 231 Appendix B Application block diagrams B.1 USB OTG full speed (FS) interface solutions Figure 103. USB controller configured as peripheral-only and used in Full speed mode 1. External voltage regulator only needed when building a VBUS powered device. 2. The same application can be developed using the OTG HS in FS mode to achieve enhanced performance thanks to the large Rx/Tx FIFO and to a dedicated DMA controller. Figure 104. USB controller configured as host-only and used in full speed mode 1. The current limiter is required only if the application has to support a VBUS powered device. A basic power switch can be used if 5 V are available on the application board. 2. The same application can be developed using the OTG HS in FS mode to achieve enhanced performance thanks to the large Rx/Tx FIFO and to a dedicated DMA controller. |