| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F401CCU6 bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401CCU6 bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 135 page ![]() DocID024738 Rev 6 76/135 STM32F401xB STM32F401xC Electrical characteristics 113 Figure 23. Low-speed external clock source AC timing diagram High-speed external clock generated from a crystal/ceramic resonator The high-speed external (HSE) clock can be supplied with a 4 to 26 MHz crystal/ceramic resonator oscillator. All the information given in this paragraph are based on characterization results obtained with typical external components specified in Table 37. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package, accuracy). For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the 5 pF to 25 pF range (typ.), designed for high-frequency applications, and selected to match the requirements of the crystal or resonator (see Figure 24). CL1 and CL2 are usually the same size. The crystal manufacturer typically specifies a load capacitance which is the Table 37. HSE 4-26 MHz oscillator characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Typ Max Unit fOSC_IN Oscillator frequency 4 - 26 MHz RF Feedback resistor - 200 - k Ω IDD HSE current consumption VDD=3.3 V, ESR= 30 Ω, CL=5 pF @25 MHz -450 - µA VDD=3.3 V, ESR= 30 Ω, CL=10 pF @25 MHz -530 - Gm_crit_max Maximum critical crystal gm Startup - - 1 mA/V tSU(HSE)(2) 2. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz oscillation is reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer Startup time VDD is stabilized - 2 - ms |