công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F412RE bảng dữ liệu(PDF) 42 Page - STMicroelectronics

tên linh kiện STM32F412RE
Giải thích chi tiết về linh kiện  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RE bảng dữ liệu(HTML) 42 Page - STMicroelectronics

Back Button STM32F412RE Datasheet HTML 38Page - STMicroelectronics STM32F412RE Datasheet HTML 39Page - STMicroelectronics STM32F412RE Datasheet HTML 40Page - STMicroelectronics STM32F412RE Datasheet HTML 41Page - STMicroelectronics STM32F412RE Datasheet HTML 42Page - STMicroelectronics STM32F412RE Datasheet HTML 43Page - STMicroelectronics STM32F412RE Datasheet HTML 44Page - STMicroelectronics STM32F412RE Datasheet HTML 45Page - STMicroelectronics STM32F412RE Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 193 page
background image
Functional overview
STM32F412xE/G
42/193
DocID028087 Rev 4
3.38
Embedded Trace Macrocell™
The ARM Embedded Trace Macrocell provides a greater visibility of the instruction and data
flow inside the CPU core by streaming compressed data at a very high rate from the
STM32F412xE/G through a small number of ETM pins to an external hardware trace port
analyzer (TPA) device. The TPA is connected to a host computer using any high-speed
channel available. Real-time instruction and data flow activity can be recorded and then
formatted for display on the host computer that runs the debugger software. TPA hardware
is commercially available from common development tool vendors.
The Embedded Trace Macrocell operates with third party debugger software tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More