| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL3LE8x bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3LE8x bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 133 page ![]() Pin description STM8AL31E8x STM8AL3LE8x 30/133 DocID027180 Rev 5 Table 4. Legend/abbreviation Type I= input, O = output, S = power supply Level FT: Five-volt tolerant Output HS = high sink/source (20 mA) Port and control configuration Input float = floating, wpu = weak pull-up Output T = true open drain, OD = open drain, PP = push pull Reset state Bold X (pin state after reset release). Unless otherwise specified, the pin state is the same during the reset phase (i.e. “under reset”) and after internal reset release (i.e. at reset state). Table 5. High-density STM8AL3xE8x pin description Pin number Pin name Input Output Default alternate function 1 - - PH0/LCD SEG 36 (3) I/O FT(5) X XX HS X X Port H0 LCD segment 36 2 - - PH1/LCD SEG 37 (3) I/O FT(5) X XX HS X X Port H1 LCD segment 37 3 - - PH2/LCD SEG 38 (3) I/O FT(5) X XX HS X X Port H2 LCD segment 38 4 - - PH3/LCD SEG 39 (3) I/O FT(5) X XX HS X X Port H3 LCD segment 39 62 2 NRST/PA1(1) I/O - - X -HS X X Reset PA1 73 3 PA2/OSC_IN/ [USART1_TX](2)/ [SPI1_MISO] (2) I/O - X XX HS X X Port A2 HSE oscillator input / [USART1 transmit] / [SPI1 master in- slave out] / 84 4 PA3/OSC_OUT/[USART1 _RX](2)/[SPI1_MOSI](2) I/O - X XX HS X X Port A3 HSE oscillator output / [USART1 receive]/ [SPI1 master out/slave in]/ 95 5 PA4/TIM2_BKIN/ [TIM2_ETR](2) LCD_COM0(3)/ADC1_IN2 COMP1_INP I/O FT(5) X XX HS X X Port A4 Timer 2 - break input / /[Timer 2 - trigger] / LCD COM 0 / ADC1 input 2/Comparator 1 positive input 10 6 6 PA5/TIM3_BKIN/ [TIM3_ETR](2)/ LCD_COM1(3)/ADC1_IN1/ COMP1_INP I/O FT(5) X XX HS X X Port A5 Timer 3 - break input / [Timer 3 - trigger] / LCD_COM 1 / ADC1 input 1/Comparator 1 positive input 11 7 7 PA6/ADC1_TRIG/ LCD_COM2(3)/ADC1_IN0/ COMP1_INP I/O FT(5) X XX HS X X Port A6 ADC1 - trigger / LCD_COM2 / ADC1 input 0/Comparator 1 positive input |