| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STLUX bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLUX bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 126 page ![]() DocID027870 Rev 1 19/126 STLUX Product overview 126 Connection matrix legend: X represents the SMED [5:0] number Y represents the SMED input signal number (In_Sig [2:0]) Z represents the In_Sig (Y) selection signal Note: Each SMED input has independent connection matrix selection signals. The DIG2 and DIG3 signals are interconnected together, the pin DIGIN [3_2] on the STLUX325A. On STLUX285A DIG0 and DIG1 signals are interconnected together, to the pin DIGIN [1_0], DIG2 and DIG3 signals are interconnected together, to the pin DIGIN [3_2] and DIG4 and DIG5 signals are interconnected together, to the pin DIGIN [5_4] Table 3. Connection matrix interconnection Conb_s(x)_(y)(z) SMED number SMED input SMED input signal selection (z) (x) (y) 00 01 10 11 0 0 CP0 DIG0 DIG2 DIG5 1 CP1 DIG0 DIG3 CP3 2 CP2 DIG1 DIG4 SW0 1 0 CP1 DIG1 DIG3 DIG0 1 CP2 DIG1 DIG4 CP3 2 CP0 DIG2 DIG5 SW1 2 0 CP2 DIG2 DIG4 DIG1 1 CP0 DIG2 DIG5 PWM0 2 CP1 DIG3 DIG0 SW2 3 0 CP0 DIG3 DIG5 DIG2 1 CP1 DIG3 DIG0 PWM1 2 CP2 DIG4 DIG1 SW3 4 0 CP1 DIG4 DIG0 DIG3 1 CP2 DIG4 DIG1 PWM5 2 CP0 DIG5 DIG2 SW4 5 0 CP2 DIG5 DIG1 DIG4 1 CP0 DIG5 DIG2 CP3 2 CP1 DIG0 DIG3 SW5 |