| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
54LS21 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54LS21 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6356 June 1989 54LS21DM54LS21DM74LS21 Dual 4-Input AND Gates General Description This device contains two independent gates each of which performs the logic AND function Features Y Alternate MilitaryAerospace device (54LS21) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6356 – 1 Order Number 54LS21DMQB 54LS21FMQB 54LS21LMQB DM54LS21J DM54LS21W DM74LS21M or DM74LS21N See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e ABCD Inputs Output AB C D Y XX X L L XX L X L XL X X L LX X X L HH H H H H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Số phần tương tự - 54LS21 |
|
Mô tả tương tự - 54LS21 |