công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATF33143 bảng dữ liệu(PDF) 4 Page - Agilent(Hewlett-Packard)

tên linh kiện ATF33143
Giải thích chi tiết về linh kiện  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HP [Agilent(Hewlett-Packard)]
Trang chủ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF33143 bảng dữ liệu(HTML) 4 Page - Agilent(Hewlett-Packard)

  ATF33143 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF33143 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF33143 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF33143 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF33143 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF33143 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF33143 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF33143 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF33143 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ATF-33143 Typical Performance Curves
Notes:
1. Measurements made on a fixed tuned production test board that was tuned for optimal gain match with reasonable noise figure at 4V
80 mA bias. This circuit represents a trade-off between optimal noise match, maximum gain match and a realizable match based on
production test board requirements. Circuit losses have been de-embedded from actual measurements.
2. Quiescent drain current, IDSQ, is set with zero RF drive applied. As P1dB is approached, the drain current may increase or decrease
depending on frequency and dc bias point. At lower values of IDSQ the device is running closer to class B as power output approaches
P1dB. This results in higher P1dB and higher PAE (power added efficiency) when compared to a device that is driven by a constant
current source as is typically done with active biasing.
Figure 8. P1dB vs. Bias [1,2] at 2 GHz.
Figure 9. P1dB vs. Bias [1,2] Tuned for NF
@ 4V, 80mA at 900MHz.
Figure 10. NF and Ga vs. Bias [1] at
2GHz.
Figure 11. NF and Ga vs. Bias [1] at
900 MHz.
IDSQ (mA)
Figure 6. OIP3, IIP3 vs. Bias [1] at
2GHz.
0
120
40
30
20
10
0
40
20
100
80
60
2 V
3 V
4 V
IDSQ (mA)
Figure 7. OIP3, IIP3 vs. Bias [1] at
900 MHz.
40
30
20
10
0
2 V
3 V
4 V
0
120
40
20
100
80
60
IDSQ (mA)
25
20
15
10
5
0
2 V
3 V
4 V
0
120
40
20
80
100
60
NF
Ga
IDSQ (mA)
16
15
14
13
12
11
10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
2 V
3 V
4 V
0
120
40
20
80
100
60
IDSQ (mA)
22
21
20
19
18
17
16
1.2
1.0
0.8
0.6
0.4
0.2
0
2 V
3 V
4 V
NF
Ga
0
120
40
20
80
100
60
IDSQ (mA)
25
20
15
10
5
0
2 V
3 V
4 V
0
120
40
20
80
100
60
88759/05-2.PM6.5J
2001.04.26, 9:12 AM
Page 4
Adobe PageMaker 6.5J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com