| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL3L68 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3L68 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 124 page ![]() DocID18474 Rev 7 29/124 STM8AL313x/4x/6x STM8AL3L4x/6x Pin description 54 -5 5 PA5/TIM3_BKIN/ [TIM3_ETR](4)/ LCD_COM1(2)/ADC1_IN1 /COMP1_INP I/O TT(3) X X X HS X X Port A5 Timer 3 - break input / [Timer 3 - trigger] / LCD_COM 1 / ADC1 input 1 / Comparator 1 positive input 76 6 PA6/[ADC1_TRIG](4)/ LCD_COM2(2)/ADC1_IN0 /COMP1_INP I/O TT(3) X X X HS X X Port A6 [ADC1 - trigger] / LCD_COM2 / ADC1 input 0 / Comparator 1 positive input 8 - - PA7/LCD_SEG0(2)(5) I/O FT X X X HS X X Port A7 LCD segment 0 24 13 13 PB0(6)/TIM2_CH1/ LCD_SEG10(2)/ ADC1_IN18/COMP1_INP I/O TT(3) X(6) X(6) XHS X X Port B0 Timer 2 - channel 1 / LCD segment 10 / ADC1_IN18 / Comparator 1 positive input 25 14 14 PB1/TIM3_CH1/ LCD_SEG11(2)/ ADC1_IN17/COMP1_INP I/O TT(3) X X X HS X X Port B1 Timer 3 - channel 1 / LCD segment 11 / ADC1_IN17 / Comparator 1 positive input 26 15 15 PB2/ TIM2_CH2/ LCD_SEG12(2)/ ADC1_IN16/COMP1_INP I/O TT(3) X X X HS X X Port B2 Timer 2 - channel 2 / LCD segment 12 / ADC1_IN16/ Comparator 1 positive input 27 - - PB3/TIM2_ETR/ LCD_SEG13(2)/ ADC1_IN15/COMP1_INP I/O TT(3) X X X HS X X Port B3 Timer 2 - trigger / LCD segment 13 /ADC1_IN15 / Comparator 1 positive input -16 16 PB3/[TIM2_ETR](4)/ TIM1_CH2N/LCD_SEG13 (2)/ADC1_IN15/ COMP1_INP I/O TT(3) X X X HS X X Port B3 [Timer 2 - trigger] / Timer 1 inverted channel 2 / LCD segment 13 / ADC1_IN15 / Comparator 1 positive input Table 5. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x pin description (continued) Pin number Pin name Input Output Default alternate function |