| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL3146 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3146 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 124 page ![]() Pin description STM8AL313x/4x/6x STM8AL3L4x/6x 30/124 DocID18474 Rev 7 28 - - PB4(6)/[SPI1_NSS](4)/ LCD_SEG14(2)/ ADC1_IN14/COMP1_INP I/O TT(3) X(6) X(6) XHS X X Port B4 [SPI1 master/slave select] / LCD segment 14 / ADC1_IN14 / Comparator 1 positive input -17 17 PB4(6)/[SPI1_NSS](4)/ LCD_SEG14(2)/ ADC1_IN14/ COMP1_INP/DAC_OUT I/O TT(3) X(6) X(6) XHS X X Port B4 [SPI1 master/slave select] / LCD segment 14 / ADC1_IN14 / DAC output / Comparator 1 positive input 29 - - PB5/[SPI1_SCK](4)/ LCD_SEG15(2)/ ADC1_IN13/COMP1_INP I/O TT(3) X X X HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / Comparator 1 positive input -18 18 PB5/[SPI1_SCK](4)/ LCD_SEG15(2)/ ADC1_IN13/DAC_OUT/ COMP1_INP I/O TT(3) X X X HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / DAC output/ Comparator 1 positive input 30 - - PB6/[SPI1_MOSI](4)/ LCD_SEG16(2)/ ADC1_IN12/COMP1_INP I/O TT(3) X X X HS X X Port B6 [SPI1 master out/slave in]/ LCD segment 16 / ADC1_IN12 / Comparator 1 positive input -19 19 PB6/[SPI1_MOSI](4)/ LCD_SEG16(2)/ ADC1_IN12/COMP1_INP /DAC_OUT I/O TT(3) X X X HS X X Port B6 [SPI1 master out]/ slave in / LCD segment 16 / ADC1_IN12 / DAC output / Comparator 1 positive input 31 20 20 PB7/[SPI1_MISO](4)/ LCD_SEG17(2)/ ADC1_IN11/COMP1_INP I/O TT(3) X X X HS X X Port B7 [SPI1 master in- slave out] / LCD segment 17 / ADC1_IN11 / Comparator 1 positive input 37 25 25 PC0(5)/I2C1_SDA I/O FT X -X T(7) Port C0 I2C1 data Table 5. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x pin description (continued) Pin number Pin name Input Output Default alternate function |