| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL3XXX bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3XXX bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 18 page ![]() DocID17922 Rev 6 17/18 STM8AL3xxx STM8L052R8 STM8L1xxx6/8 Revision history 17 2 Revision history Table 4. Document revision history Date Revision Changes 09-Sep-2010 1 Initial release. 18-Jan-2011 2 Updated for rev Z devices. 01-Aug-2011 3 Added Section 1.1.4: Incorrect code execution when WFE execution is interrupted by ISR or event and Section 1.1.5: Core kept in stall mode when DMA transfer occurs during program/ erase operation to EEPROM. Updated format of Table 3: Summary of STM8AL3xxx, STM8L052R8, STM8L15xx6/8 and STM8L162x8 silicon limitations. 18-Feb-2013 4 Added STM8L052R8 part number. Updated Section 1.1.4: Incorrect code execution when WFE execution is interrupted by ISR or event. Updated cover page. 20-Jun-2013 5 Added Section 1.1.6: Incorrect code execution when FLASH/EEPROM memory wakes up from power down mode. 11-Sep-2015 6 Removed the Appendix: Revision code on device marking. Extended the applicability to STM8AL3xxxx devices. Updated: – Table 1: Device identification, – Table 2: Device summary, – the heading of Table 3: Summary of STM8AL3xxx, STM8L052R8, STM8L15xx6/8 and STM8L162x8 silicon limitations. |