| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
10TTS08STRR bảng dữ liệu(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
10TTS08STRR bảng dữ liệu(HTML) 6 Page - International Rectifier |
|
6 / 8 page ![]() 6 10TTS08S SAFEIR Series Preliminary Data Sheet I2145 12/97 9G3A 10TTS08S 9512 EXAMPLE: THIS IS AN 10TTS08S INTERNATIONAL RECTIFIER LOGO PART NUMBER Marking Information DATE CODE (YYWW) YY = YEAR WW = WEEK ASSEMBLY LOT CODE Tape & Reel Information Dimensionsinmillimetersandinches TRR FEED DIRECTION TRL FEED DIRECTION 10 .90 (0.4 29) 10 .70 (0.4 21) 16 .10 (0.6 34) 15 .90 (0.6 26) 1.75 (0 .06 9) 1.25 (0 .04 9) 1.85 (0.073) 1.65 (0.065) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059) DIA. 1.60 (0.063) 1.50 (0.059) DIA. 11.60 (0.457) 11.40 (0.449) 15 .42 (0.6 09) 15 .22 (0.6 01) 4.72 (0 .18 6) 4.52 (0 .17 8) 24 .30 (0 .95 7) 23 .90 (0 .94 1) 0.368 (0.0145) 0.342 (0.0135) 360 (1 4.173) DIA. MAX. 26 .40 (1.0 39) 24 .40 (0.9 61) 13.50 (0.532) 12.80 (0.504) DIA. 60 (2 .362) DIA. MIN. SMD-220 Tape & Reel When orderi ng, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR. (K) (G) (A) |