công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPODU150STR2 bảng dữ liệu(PDF) 4 Page - Cooper Bussmann, Inc.

tên linh kiện SPODU150STR2
Giải thích chi tiết về linh kiện  Standard and Universal Surge Protective Device Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COOPER [Cooper Bussmann, Inc.]
Trang chủ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPODU150STR2 bảng dữ liệu(HTML) 4 Page - Cooper Bussmann, Inc.

  SPODU150STR2 Datasheet HTML 1Page - Cooper Bussmann, Inc. SPODU150STR2 Datasheet HTML 2Page - Cooper Bussmann, Inc. SPODU150STR2 Datasheet HTML 3Page - Cooper Bussmann, Inc. SPODU150STR2 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Eaton’s Bussmann Business
114 Old State Road
Ellisville, MO 63021
United States
www.bussmann.com
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 1170 — BU-SB14228
March 2015
The only controlled copy of this Data Sheet is the electronic read-only version located on the
Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected,
it should be tested by the user in all possible applications.
Technical Data 1170
Effective March 2015
Bussmann SurgePOD
Standard and Universal Modules
1.280±0.012
32.51±0.30
0.957±0.025
24.30±0.64
0.732±0.025
18.60±0.64
0.280
7.11
0.280
7.11
0.667
16.94
MIN 0.100
2.54
MIN 0.236
6.00
1.684
42.77
0.627±0.010
15.92±0.25
1.700 0.005
[43.08 0.13]
0.238±0.039
6.04±1.00
Long
Terminals
Short
Terminals
0.507
12.87
DIM "A"
0.068
1.71
0.133
3.37
0.280
7.11
0.280
7.11
0.22±0.05
5.58±1.27
Standard module dimensions - in [mm]
Tolerance is ± 0.005” [0.13mm] unless otherwise stated.
Universal module dimensions - in [mm]
Tolerance is ± 0.005” [0.13mm] unless otherwise stated.
0.057±0.025
1.45±0.63
0.112±0.020
2.84±0.51
0.512±0.015
13.00±0.38
DIM "A"
1.700 0.005
[43.08 0.13]
0.238±0.039
6.04±1.00
MIN 0.236
6.00
MIN 0.100
[2.54]
1.728±0.005
43.89±0.13
0.627 .005
[15.93 0.13]
0.955±0.025
24.25±0.64
0.730±0.025
18.55±0.64
0.135±0.015
3.43±0.38
0.280±0.005
7.11±0.13
0.280±0.005
7.11±0.13
1.280±0.012
32.51±0.30
Tall housing shown.
1.684
42.77
*Short enclosure height
(omits standoffs)
** Tall enclosure height
(includes standoffs)
*
**
SPOD Standard lead spacing
dimension A
Part
Number
“A”
Min
Max
SPOD150XXX
7.08
8.52
SPOD270XXX
8.01
9.51
SPOD320XXX
7.98
9.52
SPOD420XXX
9.25
10.64
SPOD550XXX
9.26
10.72
SPODU Universal lead spacing
dimension A
Part
Number
“A”
± 0.03 [0.76]
SPODU150XXX
0.410 [10.42]
SPODU270XXX
0.399 (10.14)
SPODU320XXX
0.399.[10.14]
SPODU420XXX
0.400 [10.16]
SPODU550XXX
0.402 [10.21]



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com