công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431ZP bảng dữ liệu(PDF) 3 Page - IK Semicon Co., Ltd

tên linh kiện TL431ZP
Giải thích chi tiết về linh kiện  Programmable Precision Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IKSEMICON [IK Semicon Co., Ltd]
Trang chủ  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZP bảng dữ liệu(HTML) 3 Page - IK Semicon Co., Ltd

  TL431ZP Datasheet HTML 1Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 2Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 3Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 4Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 5Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL431Z
2011, January, rev. 03
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC, V
KA = VREF, IK = 10mA unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Reference Input Voltage
VREF
VKA = VREF, IK = 10mA
TL431Z (2%)
TL431Z-A (1%)
TL431Z-C (0.5%)
2.440
2.470
2.482
2.495
2.495
2.495
2.550
2.520
2.508
V
Deviation of Reference Input
Voltage Over Full
Temperature Range
VREF(dev)
Tmin ≤ Ta ≤ Tmax
3
17
MV
Ratio of Change in
Reference Input Voltage to
the Change in Cathode
Voltage
∆
∆
V
V
REF
KA
∆V
KA = 10V-VREF
∆V
KA = 36V- 10V
-1.4
-1.0
-2.7
-2.0
mV/V
Reference Input Current
IREF
R1 = 10KΩ, R2 = ∞
1.8
4
㎂
Deviation of Reference Input
Current Over Full
Temperature Range
IREF(dev)
R1 = 10KΩ, R2 = ∞
0.4
1.2
㎂
Minimum Cathode Current
for Regulation
IK(min)
0.25
0.5
mA
Off-State Cathode Current
IK(off)
VKA = 40 V, VREF = 0
0.17
0.9
㎂
Dynamic Impedance
ZKA
IK = 10mA to 100 mA , f ≤
1.0KHz
0.27
0.5
Ω
Note :
1. The deviation parameter
∆Vref is defined as the difference between the maximum and minimum values obtained over
the full operating ambient temperature range that applies
The average temperature coefficient of the reference input voltage, aVref is defined as:
αVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature.
(Refer to Figure 6.)
2. The dynamic impedance ZKA is defined as
When the device is programmed with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance
of the circuit is defined as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com