công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLAH030DB bảng dữ liệu(PDF) 2 Page - Sensortechnics GmbH

tên linh kiện PLAH030DB
Giải thích chi tiết về linh kiện  Amplified precision very low pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSORTECHNICS [Sensortechnics GmbH]
Trang chủ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PLAH030DB bảng dữ liệu(HTML) 2 Page - Sensortechnics GmbH

  PLAH030DB Datasheet HTML 1Page - Sensortechnics GmbH PLAH030DB Datasheet HTML 2Page - Sensortechnics GmbH PLAH030DB Datasheet HTML 3Page - Sensortechnics GmbH PLAH030DB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLA Series
Amplified precision very low pressure sensors
2/4
E / 11735 / 0
www.sensortechnics.com
Specification notes:
1.
2.
3.
4.
5.
6.
7.
Reference conditions: supply voltage V
S = 5.00 V, TA = 25°C, common-mode pressure 0, pressure applied to port B.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from
the housing.
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
The output voltage of the sensor is ratiometric or proportional to the excitation voltage. For these models all specifications will
change proportionally to any changes in the excitation voltage. The excitation may vary between 4.5 to 5.5 V. All specifications
will nominally be change by a ratio of V
excitation
/ 5.0 V. For example, if 5.5 V excitation then both, the full scale output voltage
and the offset voltage, would be 5.5/5th of the specified value.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
Shifts relative to 25°C.
Shifts within the first hour of excitation applied to the sensor.
PRESSURE SENSOR CHARACTERISTICS1
.
o
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
2
e
r
u
s
s
e
r
p
t
s
r
u
B
3
B
D
1
0
0
M
A
L
Pr
a
b
m
1
±
.
.
.
0H
"
0
0
1
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2O
B
D
1
0
0
H
A
L
PH
"
1
±
.
.
.
0
2OH
"
0
0
1
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2O
B
D
5
x
2
H
A
L
PH
"
5
.
2
±
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
B
D
5
0
0
H
A
L
PH
"
5
±
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
B
D
0
1
0
H
A
L
PH
"
0
1
±
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
B
D
0
2
0
H
A
L
PH
"
0
2
±
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2OH
"
0
0
5
.
.
.
0
2O
B
D
0
3
0
H
A
L
PH
"
0
3
±
.
.
.
0
2OH
"
0
0
5
.
.
.
0
2OH
"
0
0
8
.
.
.
0
2O
U
D
1
0
0
H
A
L
PH
"
1
.
.
.
0
2OH
"
0
0
1
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2O
U
D
5
0
0
H
A
L
PH
"
5
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
U
D
0
1
0
H
A
L
PH
"
0
1
.
.
.
0
2OH
"
0
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2O
U
D
0
2
0
H
A
L
PH
"
0
2
.
.
.
0
2OH
"
0
0
3
.
.
.
0
2OH
"
0
0
5
.
.
.
0
2O
U
D
0
3
0
H
A
L
PH
"
0
3
.
.
.
0
2OH
"
0
0
5
.
.
.
0
2OH
"
0
0
8
.
.
.
0
2O



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com