công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1241FAPC bảng dữ liệu(PDF) 2 Page - Agere Systems

tên linh kiện 1241FAPC
Giải thích chi tiết về linh kiện  Uncooled Laser Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

1241FAPC bảng dữ liệu(HTML) 2 Page - Agere Systems

  1241FAPC Datasheet HTML 1Page - Agere Systems 1241FAPC Datasheet HTML 2Page - Agere Systems 1241FAPC Datasheet HTML 3Page - Agere Systems 1241FAPC Datasheet HTML 4Page - Agere Systems 1241FAPC Datasheet HTML 5Page - Agere Systems 1241FAPC Datasheet HTML 6Page - Agere Systems 1241FAPC Datasheet HTML 7Page - Agere Systems 1241FAPC Datasheet HTML 8Page - Agere Systems 1241FAPC Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Agere Systems Inc.
Data Sheet
1241/1243/1245-Type Uncooled Laser Transmitter
September 1999
Description
The 1241/1243/1245-type Laser Transmitters are
designed for use in transmission systems and high-
speed data communication applications. Used in
intraoffice and intermediate-reach applications, the
transmitters are configured to operate at SONET rates
up to OC-12, as well as at ITU-T synchronous digital
hierarchy (SDH) rates up to STM-4. Specific versions
are also capable of operating up to 1062.5 Mbits/s.
The transmitter meets all present Bellcore GR-253-
CORE requirements, ANSI T1.117-1991 SONET sin-
gle-mode, and the ITU-T G.957 and G.958 recommen-
dations. (See Table 5 to select transmitters for the
various SONET/SDH segments.)
The transmitter requires a single power supply (+5 V or
–5 V) and operates over data rates of 1 Mbits/s to
622 Mbits/s (NRZ). Automatic power control circuitry
provides constant optical output power over the operat-
ing case temperature range. The automatic power con-
trol circuitry also compensates for laser aging. The
optical wavelength tolerance at 25 °C is 1310 nm. The
temperature coefficient of wavelength for 1.3 µm Fabry-
Perot transmitters (1241-Type) is approximately
0.4 nm/°C. The temperature coefficient of wavelength
for 1.3 µm and 1.55 µm distributed-feedback (DFB)
transmitters (1243/1245-Type) is approximately
0.1 nm/°C.
Transmitters are available for operation over several dif-
ferent temperature ranges from –40 °C to +85 °C. Man-
ufactured in a 20-pin DIP, the transmitter consists of a
hermetic, InGaAs laser and a single CMOS driver IC.
The low-power consumption circuit provides modula-
tion, automatic optical output power control, and data
reference. The module can be driven by either ac- or
dc-coupled data in single-ended or differential configu-
ration. (See Recommended User Interfaces section for
typical connection schemes.) The laser bias and back-
facet monitor currents are electrically accessible for
transmitter performance monitoring. The transmitter
optical output may be disabled by a logic-level input.
Functional Overview
Transmitter Circuit Description and
Operation
Figure 1 shows a simplified schematic of the transmit-
ter; pin information is listed in Table 1. The laser within
the transmitter is driven by a single CMOS integrated
circuit, which provides the input data signal reference
level with automatic, temperature-compensated laser
bias, and modulation-current control. A back-facet pho-
todetector diode within the laser module provides an
indication of the laser's average optical output power.
The back-facet diode current is accessible as a voltage
proportional to photocurrent through pins 17 and 19 on
the transmitter. The back-facet diode also forms part of
the feedback control circuit, which helps maintain con-
stant output power.
The laser bias current is accessible as a dc-voltage by
measuring the voltage developed across pins 2 and 4
of the transmitter. Dividing this voltage by 10
Ω will
yield the value of the laser bias current. This value will
change up or down in response to operating tempera-
ture, power supply voltage, data pattern, and laser
aging characteristics.
Table 1. Pin Descriptions
* Pins designated as no user connection should not be tied to
ground or any other circuit potential.
† Laser back-facet and bias monitor functions are customer-use
options that are not required for normal operations of the trans-
mitter. They are normally used during manufacture and for
diagnostics.
Pin Number
Name
1
No user connection*
2
Laser bias monitor (+)†
3
No user connection*
4
Laser bias monitor (–)†
5VEE
6VCC
7
Transmitter disable
8VCC
9VCC
10
No user connection†
11
Case ground (RF ground)
12
VCC
13
Case ground (RF ground)
14
VEE
15
DATA
16
DATA
17
Laser back-facet monitor (–)*
18
VCC
19
Laser back-facet monitor (+)*
20
No user connection†



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com