| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L073X8 bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L073X8 bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 139 page ![]() DocID027096 Rev 3 31/139 STM32L073xx Functional overview 36 3.17 Timers and watchdogs The ultra-low-power STM32L073xx devices include three general-purpose timers, one low- power timer (LPTIM), one basic timer, two watchdog timers and the SysTick timer. Table 10 compares the features of the general-purpose and basic timers. 3.17.1 General-purpose timers (TIM2, TIM3, TIM21 and TIM22) There are four synchronizable general-purpose timers embedded in the STM32L073xx device (see Table 10 for differences). TIM2, TIM3 TIM2 and TIM3 are based on 16-bit auto-reload up/down counter. It includes a 16-bit prescaler. It features four independent channels each for input capture/output compare, PWM or one-pulse mode output. The TIM2/TIM3 general-purpose timers can work together or with the TIM21 and TIM22 general-purpose timers via the Timer Link feature for synchronization or event chaining. Their counter can be frozen in debug mode. Any of the general-purpose timers can be used to generate PWM outputs. TIM2/TIM3 have independent DMA request generation. These timers are capable of handling quadrature (incremental) encoder signals and the digital outputs from 1 to 3 hall-effect sensors. TIM21 and TIM22 TIM21 and TIM22 are based on a 16-bit auto-reload up/down counter. They include a 16-bit prescaler. They have two independent channels for input capture/output compare, PWM or one-pulse mode output. They can work together and be synchronized with the TIM2/TIM3, full-featured general-purpose timers. They can also be used as simple time bases and be clocked by the LSE clock source (32.768 kHz) to provide time bases independent from the main CPU clock. Table 10. Timer feature comparison Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/compare channels Complementary outputs TIM2, TIM3 16-bit Up, down, up/down Any integer between 1 and 65536 Yes 4 No TIM21, TIM22 16-bit Up, down, up/down Any integer between 1 and 65536 No 2 No TIM6, TIM7 16-bit Up Any integer between 1 and 65536 Yes 0 No |