| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L051C8 bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L051C8 bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 127 page ![]() Pin descriptions STM32L051x6 STM32L051x8 42/127 DocID025938 Rev 6 60 B4 44 C5 31 31 BOOT0 B - - - 61 B3 45 B5 - 32 PB8 I/O FTf - I2C1_SCL - 62 A3 46 - - - PB9 I/O FTf - EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - 63 D4 47 D6 32 - VSS S - - - - 64 E4 48 A5 1 1 VDD S - - - - 1. PB9/12/13/14/15, PH0/1 and PC13 GPIOs should be configured as output and driven Low, even if they are not available on this package. 2. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O. Table 15. STM32L051x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |